reflow 10 secs max @ 240 deg c please enquire for full profile please specify iso9001 registered for quotations or further information please contact us at: 3 the business centre, molly millars lane, wokingham, berks, rg41 2ey, uk http://www.actcrystals.com tel : 0044 (0) 118 979 1238 fax : 0044 (0) 118 979 1283 email : info@actcrystals.com 0.6ns typ. 10ps rms max 1.125vdc max (lvds) 1.375vdc min (lvds) vdd -1.63vdc max (lvpecl) vdd -1.02vdc min (lvpecl) 100 differential load (lvds) 50 into vdd -2.0v (lvpecl) 10ms max 3ppm / year max lvds please specify please specify pecl pecl pecl lvds 1.25vdc - lvds @ 20 ~ 80% voh vdd -1.30vdc - lvpecl tw/t fa tr/tf n/cl tosc iop tj condition specification 25.00 ~ 650.00 mhz 20ppm ~ 100ppm 0 ~ +70c std, -40 ~ +85c also avail. -55 to +125c 3.3vdc 5% 85ma up to 160.0 mhz start-up time aging jitter fo df/fo frequency range frequency stability topr tstg vdd output level ?0? supply voltage supply current (max) output load ACT9209 lvpecl / lvds oscillato r specification please note that all parameters can not necessarily be specified in the same device vol symbol parameter 95ma 161.00 ~300.0 mhz 45ma up to 100.0 mhz 70ma 101.0 ~ 650.0 mhz 40 / 60% std temp operating range in line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without no tice the ACT9209 pecl / lvds oscillator is a miniature low profile device allowing for frequencies up to 650 mhz to be available in a 7x5 mm surfacemount package. this device is ideal for a wide range of applications where pcb space dictates small size and / or automatic assembly is a requirement. the ACT9209 utilises a 6x3.5mm crystal and a multiplier making it suitable for design into many applications requiring higher frequencies, including communications / wireless equipment, networking and many more. the parts are available loose or on 1k reels to accommodate low / high volume requirements. c us t omer t o spec if y : f requency, f requency st a bilit y, o pera ti ng t empera t ure r ange, o u t pu t t yp e 100ma 301.00 ~ 650.0 mhz temp storage range output level ?1? rise & fall time (max) duty cycle #1 id mark 5.0 0.2 7.0 0.2 1.8 0.2 0.8 1.2 1.4 5.08 2.6 2.0 4.2 1.8 5.08 suggested footprint 1 2 3 4 5 6 tri-state not connected ground output complementary output vdd pad connections dimensions in mm 1 2 3 5 4 6 issue :5 d2 date :01/08/05
tel : +44 118 979 1238 fax : +44 118 979 1283 email : info@actcrystals.com in line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without not ice. iso9001: 2000 registered for quotations or further information please contact us at: 3 th e b us i ness c en t re, m o ll y mill ars l ane, w o ki ng h am, b er k s, rg41 2ey , uk http://www.actcrystals.com ACT9209 tape and reel specifications reel s o f 1 kp cs issue :5 d2 date:01/08/05 ACT9209
|